Part Number Hot Search : 
AN523 BCWL120 NTE5910 24800 C1408 CN25J BC337 T100A
Product Description
Full Text Search
 

To Download RW-0509S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.recom-international.com ec 73 august 2002 selection guide econoline - dc/dc-converter rw serie, 3 watt, dip24 miniature, regulated, isolated, 2:1 wide input (single output) part input output output number voltage voltage current dip24 miniature (vdc) (vdc) (ma) rw-0505s 4.5 ?9 5 600 RW-0509S 4.5 ?9 9 333 rw-0512s 4.5 ?9 12 250 rw-0515s 4.5 ?9 15 200 rw-1205s 9 ?18 5 600 rw-1209s 9 ?18 9 333 rw-1212s 9 ?18 12 250 rw-1215s 9 ?18 15 200 rw-2405s 18 ?36 5 600 rw-2409s 18 ?36 9 333 rw-2412s 18 ?36 12 250 rw-2415s 18 ?36 15 200 rw-4805s 36 ?72 5 600 rw-4809s 36 ?72 9 333 rw-4812s 36 ?72 12 250 rw-4815s 36 ?72 15 200 features dip24 miniature package 2:1 wide input range less then 7mm hight continuous short circuit protection efficiency up to 83% ul 94v-0 package material cost effective short lead time input voltage range 2 : 1 output accuracy ?% typ. rated power 3w isolation voltage 1kvdc ripple and noise (20mhz limited) 5v 50mvp-p max. 12v 1% vout line voltage regulation ?.1% typ. load voltage regulation (10% to 100% full load) ?.2% typ. operating frequency 85khz min. efficiency at full load up to 83% capacitance 5vin,12 vin, 24vin cin = 10? 50v / cout = 100? 25v 48 vin cin = 10? 100v / cout = 100? 25v operating temperature ?0? to +75? (see graph) storage temperature ?0? to +125? specifications (core operating area) and operating temperature / derating-graph output power (watts) 6.0 4.5 1.5 3.0 100 50 0 -40 75 125 150 operating temperature ?c 0 safe operating area
ec 74 www.recom-international.com august 2002 32.26 max. 14.73 max. rw-4805s recom **** 7.00 max. 2.54 x 11 4.65 16.35 max. 0.25 14.73 max. 24 15 14 13 12 11 10 1 t op view 2.54 1.00 +0.15/? 2.54 econoline - dc/dc-converter rw serie, 3 watt, dip24 miniature, regulated, isolated, 2:1 wide input (single output) pin connections pin # single 1& 24 +vin 10 & 15 com 11 & 14 +vout 12 & 13 ?in nc = no connection package style and pinning (mm) xx.x 0.5 mm xx.xx 0.25 mm 3rd angle projection recommended footprint details 24 pin dip miniature package


▲Up To Search▲   

 
Price & Availability of RW-0509S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X